Part Number Hot Search : 
78M06 2SB1016 MAX99 GP20A THN6501Z BAS16T 04597 GW30N6
Product Description
Full Text Search
 

To Download PLT5450B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  19.09.2016 1 draft - this design is for refe rence only. subject to change without notice. attention C observe precautions fo r handling C electrostatic sensitive device o2007-05-23 blue laser diode in to56 package version 0.4 plt5 450b features ? optical output power (continuous wave): 80 mw ( t case = 25 c) ? typical emission wavelength: 450 nm ? efficient radiation source fo r cw and pulsed operation ? single transverse mode semiconductor laser ? high modulation bandwidth ? to56 package applications ? laser projection ? laser shows ? biomedical applications ? metrology safety advice depending on the mode of operation, these devices em it highly concentrated visible light which can be hazardous to the human eye. products which inco rporate these devices have to follow the safety precautions found in iec 60825-1 ?safety of laser products?.
19.09.2016 2 draft - this design is for refe rence only. subject to change without notice. version 0.4 plt5 450b ordering information maximum ratings operation outside these co nditions may damage the device. operation at maximum ratings may influence lifetime. laser characteristics ( t case = 25 c) type: optical output power ordering code p opt ( t case = 25 c) plt5 450b 80 mw q65111a7459 parameter symbol values unit min. max. optical output power p opt max 120 mw operating current i f 165 ma operating temperature t case -40 +70 c storage temperature t stg -40 +85 c reverse voltage v r 2v soldering temperature max. 10 sec. t solder 260 c junction temperature t j 150 c parameter symbol values unit min. typ. max. emission wavelength 1) 1) standard operating conditions refer to a continuous wave output power of p opt = 80 mw. peak 440 450 460 nm spectral width (fwhm) 1) ?2?nm threshold current i th ?1760ma operating current 1) i f ? 75 145 ma operating voltage 1) v f ?5.26.5v beam divergence (fwhm) 1) x 4 x 18 6.5 x 22 7.5 x 25 deg polarization 1) p gr ? 100:1 ? modulation frequency f ? >100 ? mhz thermal resistance (junction to case) r th ?34?k/w
version 0.4 plt5 450b 19.09.2016 3 draft - this design is for refe rence only. subject to change without notice. optical output power p opt = ? ( i f ) operating voltage v f = ? ( i f ) threshold current i th = ? ( t case ) relative spectral emission p opt = ? ( ) 0 20406080100 0 20 40 60 80 t case =60c t case =40c t case =25c p opt [mw] i f [ma] 0 20406080100 0 1 2 3 4 5 6 t case =60c t case =40c t case =25c v f [v] i f [ma] 30 40 50 60 70 10 15 20 25 30 i th [ma] t case [c] 446 448 450 452 454 0.0 0.2 0.4 0.6 0.8 1.0 t case =25c t case =60c t case =40c p opt [a. u.] [nm]
19.09.2016 4 draft - this design is for refe rence only. subject to change without notice. version 0.4 plt5 450b beam divergence p opt = ? ( ), t case = 25 c -40 -20 0 20 40 0.0 0.2 0.4 0.6 0.8 1.0 || p opt [a. u.] [deg]
version 0.4 plt5 450b 19.09.2016 5 draft - this design is for refe rence only. subject to change without notice. package outline dimensions in mm pin connection 1 2 3 pin 1: ld anode pin 2: case pin 3: ld cathode
19.09.2016 6 draft - this design is for refe rence only. subject to change without notice. version 0.4 plt5 450b tray dimensions in mm [inches]
version 0.4 plt5 450b 19.09.2016 7 draft - this design is for refe rence only. subject to change without notice. dimensions of transportation box in mm barcode-product-label (bpl) transportation packing and materials width length height 170 5 265 5 45 5 oha04563 (g) group: 1234567890 (1t) lot no: (9d) d/c: 1234 (x) prod no: 123456789 (6p) batch no: 1234567890 lx xxxx rohs compliant bin1: xx-xx-x-xxx-x ml x temp st xxx c x pack: rxx demy xxx x_x123_1234.1234 x 9999 (q)qty: semiconductors osram opto xx-xx-x-x le x x ple l l xx 1234.1234 x x-x-x l l l l l l pl xxx xxx _123 _123 -xx- -xx- mpl rxx xx x_x123_1 xx-xx mpl pack: rx pack: rx demy demy mp 34 mp amp m m m am m am m 9d) d/c: 9d) d/c: 1234 1234 m m m m m 234 pl pack: r demy am m m am am ) d/c mp m m m c: 123 am am a am (9d) xa a a xa a xa x xa x exa ex ex ex x x xa x x ex ex x 67890 67890 ex x x x x x ex exa e e ex ex e ex x e ex e e x ex ex o: 1234567 ors e e e e e e e e e no: no: 12345 12345 ex ctors ctors pto pto xa x 7890 4 x rxx demy x123 9d) d/c: 1234 (9 67890 no: 12345 pto xxx 3_123 -xx- pack: r demy ctors oha02886 packvar: r077 additional text p-1+q-1 multi topled muster osram opto semiconductors (6p) batch no: (x) prod no: 1 0 (9d) d/c: 1 1 (1t) lot no: 210021998 123gh1234 0 2 45 (q)qty: 2000 0144 (g) group: 260 c rt 240 c r 3 220 c r ml bin3: bin2: q-1-20 bin1: p-1-20 lsy t676 2 2a temp st r18 demy barcode label original packing label box
19.09.2016 8 draft - this design is for refe rence only. subject to change without notice. version 0.4 plt5 450b disclaimer osram os assumes no liability whatsoever for any use of this document or its co ntent by recipient including, but not limited to, for any design in activities based on this preliminary draft version. osram os may e. g. decide at its sole discretion to stop developing and/or fina lizing the underlying design at any time. attention please! the information describes the type of component and shall not be considered as assured characteristics. terms of delivery and rights to change design reserv ed. due to technical requirements components may contain dangerous substances. for information on the types in question please contact our sales organization. ? if printed or downloaded, please find the latest version in the internet. packing please use the recycling operators known to you. we can also help you ? get in touch with your nearest sales office. ? by agreement we will take packing materi al back, if it is sorted. you must be ar the costs of transport. for packing material that is returned to us unsorted or which we are no t obliged to accept, we shall ha ve to invoice yo u for any costs incurred. components used in life-support devices or system s must be expressly authorized for such purpose! critical components* may only be used in life-suppo rt devices** or systems with the express written approval of osram os. *) a critical component is a componen t used in a life-su pport device or system whose failure can reasonably be expected to cause the failure of that life-support device or system, or to affect its safety or the effectiveness of that device or system. **) life support devices or systems are intended (a) to be implanted in the human body , or (b) to support and/or maintain and sustain human life. if they fa il, it is reasonable to assume that the health and the life of the user may be endangered. important notes of operation for laser diode a) electrical operation ? osrams laser diodes are designed for maximum performanc e and reliability. operatin g the laser diode above the maximum rating even for very short periods of time can dama ge the laser diode or reduce its lifetime. the laser diode must be operated with a suitable powe r supply with minimized electrical noise. ? the laser diode is very sensitive to electrostatic discharge (esd). proper precautions must be taken. b) mounting instructions ? in order to maintain the lifetime of the laser diode proper he at management is essential. due to the design of the laser diode heat is dissipated only through th e base plate of the diode?s body. a pr oper heat conducti ng interconnection between the diodes base plate and the heat sink must be maintained.
version 0.4 plt5 450b 19.09.2016 9 draft - this design is for refe rence only. subject to change without notice. published by osram opto semiconductors gmbh leibnizstra?e 4, d-93055 regensburg www.osram-os.com ? all rights reserved. eu rohs compliant product


▲Up To Search▲   

 
Price & Availability of PLT5450B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X